PART |
Description |
Maker |
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
AN8049FHN |
1.8-volt 3-channel step-up/ step-down/ and polarity inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
FAN5602MP45X FAN5602MP5X FAN5602MU33X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor Corporation
|
AN8018SA AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
ADP1111 ADP1111AN ADP1111AN-12 ADP1111AN-33 ADP111 |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|
ADP3000ARU-REEL ADP3000AR-REEL ADP3000AR-5-REEL AD |
High Efficiency Step-Up/Step-Down Switching Regulator
|
Analog Devices
|